Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 10Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 11Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 12Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 13Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 14Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Smart Card Interface
14
______________________________________________________________________________________
Applications Information
Performance can be affected by the layout of the appli-
cation. For example, an additional cross-capacitance of
1pF between card reader contacts C2 (RST) and C3
(CLK) or C2 (RST) and C7 (I/O) can cause contact C2
to be polluted with high-frequency noise from C3 (or
C7). In this case, include a 100pF capacitor between
contacts C2 and CGND.
Application recommendations include the following:
• Ensure there is ample ground area around the
DS8024 and the connector; place the DS8024
very near to the connector; decouple the VDD and
VDDA lines separately. These lines are best posi-
tioned under the connector.
• The DS8024 and the host microcontroller must use
the same VDD supply. Pins CLKDIV1, CLKDIV2,
RSTIN, PRES, AUX1IN, I/OIN, AUX2IN, 5V/3V,
CMDVCC, and OFF are referenced to VDD; if pin
XTAL1 is to be driven by an external clock, also
reference this pin to VDD.
• Trace C3 (CLK) should be placed as far as possi-
ble from the other traces.
• The trace connecting CGND to C5 (GND) should
be straight (the two capacitors on C1 (VCC) should
be connected to this ground trace).
• Avoid ground loops among CGND, PGND, and
GND.
• Decouple VDDA and VDD separately; if the two
supplies are the same in the application, they
should be connected in a star on the main trace.
• Connect a 100nF capacitor (ESR < 100m
Ω)
between VCC and CGND and place near the
DS8024’s VCC pin.
• Connect a 100nF or 220nF capacitor (220nF pre-
ferred, ESR < 100m
Ω) between VCC and CGND
and place near the smart card socket’s C1 contact.
With all these layout precautions, noise should be kept
to an acceptable level and jitter on C3 (CLK) should be
less than 100ps.
Technical Support
For technical support, go to https://support.maxim-
ic.com/micro.
Selector Guide
Note: Contact the factory for availability of other variants and
package options.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
CURRENT
VOLTAGES
SUPPORTED (V)
SUPPORTS
STOP
MODE?
PIN-
PACKAGE
DS8024-RJX+
3.0, 5.0
No
28 TSSOP
DS8024-RJX/V+
3.0, 5.0
No
28 TSSOP
DS8024-RRX+
3.0, 5.0
No
28 SO
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
28 SO (300 mils)
W28+6
21-0042
90-0109
28 TSSOP
U28+1
21-0066
90-0171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com