Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # IL2
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  IL2 Datasheet HTML 1Page - Siemens Semiconductor Group IL2 Datasheet HTML 2Page - Siemens Semiconductor Group IL2 Datasheet HTML 3Page - Siemens Semiconductor Group IL2 Datasheet HTML 4Page - Siemens Semiconductor Group IL2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5–5
IL1/2/5
Figure 13. Collector base photocurrent versus LED current
Figure 14. Normalized photocurrent versus If and tempera-
ture
Table 15. Normalized non-saturated HFE versus base current
and temperature
100
10
1
.1
.01
.1
1
10
100
1000
IF - LED Current - mA
Icb = 1.0357 *IF ^1.3631
Ta = 25
°C
100
10
1
.1
.01
.1
1
10
NIB-Ta=-20¡C
NIb,Ta=25¡C
NIb,Ta=50¡C
NIb,Ta=70¡C
If -LED Current- mA
Normalized to:
If = 10ma, Ta = 25¡C
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
-20
°C
25
°C
50
°C
70
°C
Normalized to:
Figure 16. Normalized saturated HFE versus base current
and temperature
Figure 17. Propagation delay versus collector load resistor
1
10
100
1000
0.0
0.5
1.0
1.5
Ib - Base Current - (
µA)
-20
°C
25
°C
50
°C
70
°C
Normalized to:
Vce = 10V
Ib = 20
µA
Ta = 25
°C
Vce = 0.4V
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
Ω
tpLH
tpHL
Ta = 25
°C, IF = 10mA
Vcc = 5 V, Vth = 1.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com