Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # IL2
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  IL2 Datasheet HTML 1Page - Siemens Semiconductor Group IL2 Datasheet HTML 2Page - Siemens Semiconductor Group IL2 Datasheet HTML 3Page - Siemens Semiconductor Group IL2 Datasheet HTML 4Page - Siemens Semiconductor Group IL2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5–4
IL1/2/5
Figure 5. Forward voltage versus forward current
Figure 6. Normalized non-saturated and saturated CTR at
TA=25°C versus LED current
Figure 7. Normalized non-saturated and saturated CTR at
TA=50°C versus LED current
Figure 8. Normalized non-saturated and saturated CTR at
TA=70°C versus LED current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
g
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 100
°C
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA
Ta = 25
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 50
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Vce = 10V, IF = 10mA
Ta = 25
°C
Ta = 70
°C
CTRce(sat) Vce = 0.4V
Normalized to:
Figure 9. Normalized non-saturated and saturated CTR at
TA=100°C versus LED current
Figure 10. Collector-emitter current versus temperature
and LED current
Figure 11. Collector-emitter leakage current versus temper-
ature
Figure 12. Normalized CTRcb versus LED current and tem-
perature
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 100
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
100
°C
IF - LED Current - mA
25
°C
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Ta - Ambient Temperature -
°C
WORST
CASE
TYPICAL
Vce = 10V
.1
1
10
100
0.0
0.5
1.0
1.5
25
°C
50
°C
70
°C
IF - LED Current - mA
Normalized to:
IF =10 mA
Vcb = 9.3 V
Ta = 25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com