Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL2
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL2 Datasheet HTML 1Page - Siemens Semiconductor Group IL2 Datasheet HTML 2Page - Siemens Semiconductor Group IL2 Datasheet HTML 3Page - Siemens Semiconductor Group IL2 Datasheet HTML 4Page - Siemens Semiconductor Group IL2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5–1
FEATURES
• Current Transfer Ratio at IF=10 mA
IL1, 20% Min.
IL2, 100% Min.
IL5, 50% Min.
•
High Collector-Emitter Voltage
IL1 – BVCEO=50 V
IL2, IL5 – BVCEO=70 V
•
Field-Effect Stable by TRansparent IOn Shield
(TRIOS)
•
Double Molded Package Offers Isolation Test
Voltage 5300 VACRMS
•
Underwriters Lab File #E52744
•
VDE Approval #0884
(Available with Option 1)
DESCRIPTION
The IL1/2/5 are optically coupled isolated pairs employ-
ing GaAs infrared LEDs and silicon NPN phototransistor.
Signal information, including a DC level, can be trans-
mitted by the drive while maintaining a high degree of
electrical isolation between input and output. The IL1/2/5
are especially designed for driving medium-speed logic
and can be used to eliminate troublesome ground loop
and noise problems. These couplers can be used also
to replace relays and transformers in many digital inter-
face applications such as CRT modulation.
See Appnote 45, “How to Use Optocoupler Normalized
Curves.”
V
DE
Maximum Ratings
Emitter
Reverse Voltage.................................................................................. 6 V
Forward Current ............................................................................. 60 mA
Surge Current .................................................................................. 2.5 A
Power Dissipation ........................................................................ 100 mW
Derate Linearly from 25
°C .................................................... 1.33 mW/°C
Detector
Collector-Emitter Reverse Voltage
IL1 ................................................................................................... 50 V
IL2, IL5 ............................................................................................. 70 V
Emitter-Base Reverse Voltage ............................................................. 7 V
Collector-Base Reverse Voltage ........................................................ 70 V
Collector Current ............................................................................ 50 mA
Collector Current (t<1 ms) ............................................................ 400 mA
Power Dissipation ........................................................................ 200 mW
Derate Linearly from 25
°C ...................................................... 2.6 mW/°C
Package
Package Power Dissipation ........................................................ 250 mW
Derate Linearly from 25
°C ...................................................... 3.3 mW/°C
Isolation Test Voltage (between emitter and detector
referred to standard climate 23
°C/50%RH, DIN 50014)5300 VAC
RMS
Creepage..................................................................................min. 7 mm
Clearance .................................................................................min. 7 mm
Comparative Tracking Index per
DIN IEC 112/VDE 0303, part 1.........................................................175
Isolation Resistance
VIO=500 V, TA=25°C .........................................................................≥10
12
Ω
VIO=500 V, TA=100°C.......................................................................≥10
11
Ω
Storage Temperature .................................................... –40
°C to +150°C
Operating Temperature................................................. –40
°C to +100°C
Junction Temperature ..................................................................... 100
°C
Soldering Temperature (2 mm from case bottom).......................... 260
°C
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
IL1/2/5
PHOTOTRANSISTOR
OPTOCOUPLER
This document was created with FrameMaker 4.0.4


Similar Part No. - IL2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL2 VISHAY-IL2 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL2 ISOCOM-IL2 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
135Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
IL2 VISHAY-IL2 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results

Similar Description - IL2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
MCT2E QT-MCT2E Datasheet
608Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com