Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7370 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7370 Datasheet HTML 1Page - Maxim Integrated Products MAX7370 Datasheet HTML 2Page - Maxim Integrated Products MAX7370 Datasheet HTML 3Page - Maxim Integrated Products MAX7370 Datasheet HTML 4Page - Maxim Integrated Products MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
VCC, VLA to GND ....................................................-0.3V to +4V
COL3–COL0, ROW7–ROW0 to GND ....... -0.3V to (VCC + 0.3V)
COL7–COL4 to GND...............................................-0.3V to +6V
SDA, SCL, AD0, INT to GND ..................................-0.3V to +6V
VLA to VCC ...........................................................-0.3V to +2.3V
DC Current on COL7–COL4 to GND .................................25mA
DC Current on COL3–COL0, ROW7–ROW0 to GND...........7mA
VCC, VLA, GND Current .....................................................80mA
DC Current VCC, VLA to COL3–COL0, ROW7–ROW0.........5mA
Continuous Power Dissipation (TA = +70°C)
24-Pin TQFN (derate 15.4mW/°C above +70°C) ......1229mW
25-Bump WLP (derate 19.2mW/°C above +70°C)......850mW
Operating Temperature Range.......................... -40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (TQFN) (soldering, 10s) ...................+300°C
Soldering Temperature (reflow) ......................................+260°C
24 TQFN
Junction-to-Ambient Thermal Resistance (BJA).........65.1°C/W
Junction-to-Case Thermal Resistance (BJC)................5.4°C/W
25 WLP
Junction-to-Ambient Thermal Resistance (BJA)...........52°C/W
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCC = 1.62V to 3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25NC.) (Notes 2, 3)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
1.62
3.3
3.6
V
Second Logic Supply
VLA
VCC
3.3
3.6
V
Operating Supply Current
ICC
All key switches open, oscillator
running
50
65
F
A
N keys pressed
50 + 28 O N
Sleep-Mode Supply Current
ISL
Not using GPO or LED configuration
1.8
3
F
A
POR Threshold
VPOR
1.2
V
KEY-SWITCH SPECIFICATIONS
Key-Switch Source Current
IKEY
28
40
F
A
Key-Switch Source Voltage
VKEY
0.45
0.5
V
Key-Switch Resistance
RKEY
(Note 4)
5
kI
Startup Time from Sleep
tSTART
2
2.7
ms
GPIO SPECIFICATIONS
External Supply Voltage
COL7–COL4 (LED Drivers)
VLED
5
V
LED Port-to-Port Sink Current Variation
VCC = 3.3V, VOL = 1V, TA = +25NC,
10mA output mode
Q
1.5
Q
2.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com