Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7370 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 17Page - Maxim Integrated Products MAX7370 Datasheet HTML 18Page - Maxim Integrated Products MAX7370 Datasheet HTML 19Page - Maxim Integrated Products MAX7370 Datasheet HTML 20Page - Maxim Integrated Products MAX7370 Datasheet HTML 21Page - Maxim Integrated Products MAX7370 Datasheet HTML 22Page - Maxim Integrated Products MAX7370 Datasheet HTML 23Page - Maxim Integrated Products MAX7370 Datasheet HTML 24Page - Maxim Integrated Products MAX7370 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 8. Configuration Register (0x01)
X = Don’t care.
REGISTER
BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT
VALUE
D7
Sleep
X
(when 0x40
D4 = 1)
Key-switch operating mode. Key switches always remain active
when constant-current PWM is enabled (bit 4 of register 0x40 is
high), regardless of autosleep, autowake, or an I2C write to this bit.
0
0
(when 0x40
D4 = 0)
Key-switch sleep
mode. The entire
chip is shut down.
When constant-current PWM is disabled
(bit 4 of register 0x40 is low), I2C write,
autosleep, and autowake all can change
this bit. This bit can be read back by I2C
any time for current status.
1
(when 0x40
D4 = 0)
Key-switch operating
mode.
D6
Reserved
0
—
0
D5
Interrupt
0
INT cleared when the FIFO is empty.
0
1
INT cleared after host read. In this mode, I2C should read the
FIFO until interrupt condition is removed or further INT could be
lost.
D4
Reserved
0
—
0
D3
Key-release
enable
0
Disable key releases.
1
1
Enable key releases.
D2
Reserved
0
—
0
D1
Autowake
enable
0
Disable keypress wakeup.
1
1
Enable keypress wakeup.
D0
Timeout
disable
0
I2C timeout enabled.
1
1
I2C timeout disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com