Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7370 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7370 Datasheet HTML 1Page - Maxim Integrated Products MAX7370 Datasheet HTML 2Page - Maxim Integrated Products MAX7370 Datasheet HTML 3Page - Maxim Integrated Products MAX7370 Datasheet HTML 4Page - Maxim Integrated Products MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.62V to 3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
10mA Port Sink Current
COL7–COL4
IOL
VOL = 1V
TA = +25NC
8.6
11.4
mA
VCC = 3.3V
9.04
10
10.96
VOL = 0.5V
VCC = 3.6V,
TA = +25NC
9.5
20mA Port Sink Current
COL7–COL4
IOL
VOL = 1V
TA = +25NC
18.13
21.52
mA
VCC = 3.3V
18.47
20
21.34
VOL = 0.5V
VCC = 3.6V,
TA = +25NC
19.05
Input High Voltage
COL_, ROW_
VIH
VS = VCC or VLA depending on
reference logic level setting
0.7 O VS
V
Input Low Voltage
COL_, ROW_
VIL
0.3 O VS
V
Input Leakage Current
COL3–COL0, ROW_
ILEAKAGE Input voltage = VCC or VGND
-2
+2
F
A
Input Leakage Current
COL7–COL4
ILEAKAGE Input voltage = 5V
-1
+1
F
A
Input Capacitance
COL_, ROW_
CIN
20
pF
Maximum Allowable Load Capacitance
for Keyscan Function
N keys pressed simultaneously
500
pF
Output Low Voltage
COL_, ROW_
VOL
VCC = 1.62V and ISINK = 2.5mA
50
100
mV
VCC = 1.62V and ISINK = 5mA
80
250
Output High Voltage
COL3–COL0, ROW_
VOH
VCC = 1.62V and ISOURCE = 2.5mA
VCC -
120
VCC -
40
mV
VCC = 1.62V and ISOURCE = 5mA
VCC -
250
VCC -
70
Output Logic-Low Voltage
(INT)
VOL
ISINK = 6mA
0.6
V
PWM Frequency
fPWM
Derived from oscillator clock
500
Hz
SERIAL-INTERFACE SPECIFICATIONS
Input High Voltage
SDA, SCL, AD0
VIH
0.7 O VCC
V
Input Low Voltage
SDA, SCL, AD0
VIL
0.3 O VCC
V
Input Leakage Current
SDA, SCL, AD0
ILEAKAGE Input voltage = 5.5V or VGND
-1
+1
F
A
Output Logic-Low Voltage
SDA
VOL
ISINK = 6mA
0.6
V
Input Capacitance
SDA, SCL, AD0
CIN
(Notes 4, 5)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com