Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV6A-FKB Datasheet(PDF) 9 Page - Marktech Corporate

Part # CLV6A-FKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV6A-FKB Datasheet(HTML) 9 Page - Marktech Corporate

Back Button CLV6A-FKB Datasheet HTML 3Page - Marktech Corporate CLV6A-FKB Datasheet HTML 4Page - Marktech Corporate CLV6A-FKB Datasheet HTML 5Page - Marktech Corporate CLV6A-FKB Datasheet HTML 6Page - Marktech Corporate CLV6A-FKB Datasheet HTML 7Page - Marktech Corporate CLV6A-FKB Datasheet HTML 8Page - Marktech Corporate CLV6A-FKB Datasheet HTML 9Page - Marktech Corporate CLV6A-FKB Datasheet HTML 10Page - Marktech Corporate CLV6A-FKB Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Reliability
Tests and Results
Test
Applicable Standards
Test Condition
Note
Number of
Damaged
Temperature Cycle
JEITA ED-4701
100 105
-40°C~25°C~100°C~25°C
30 mins, 5 mins, 30 mins, 5 mins
100 cycles
0/45
Thermal Shock
MIL-STD-202G
-40°C~100°C
30 mins, 30 mins
100 cycles
0/45
Moisture Resistance
JEITA ED-4701
200 203
25°C~65°C~
90%RH 24hrs/1cycle
10 cycles
0/45
High Temperature Storage
JEITA ED-4701
200 201
T
A=100°C
500 hrs
0/45
Temperature Humidity Storage
JEITA ED-4701
100 103
T
A=60°C
RH=90%
500 hrs
0/45
Low Temperature Storage
JEITA ED-4701
200 202
T
A=-40°C
500 hrs
0/45
Water Proof Test*
IEC 60529:2001
IP X5
Water flow rate 12.5 l/min
15min
0/45
High Temperature Life Test
-
T
A=85°C
I
F=15 mA
1000 hrs
0/45
Life Test
-
T
A=25°C
IF: R=30mA G=35mA B=20mA
1000 hrs
0/45
High Humidity Heat Life Test
-
60°C RH=90%
I
F=15 mA
500 hrs
0/45
Low Temperature Life Test
-
Ta=-40°C
IF: R=30mA G=35mA B=20mA
500 hrs
0/45
Resistance to Soldering Heat(Reflow
Soldering)
JEITA ED-4701
300 301
T
sol=260°C,10sec
(Pre treatment 30°C,70%,168hrs)
2 times
0/45
Vibration-variable Frequency
MIL-STE-883
Method 2007
20G min, 20 to 2000Hz, 4cycles, 4mins,
Each x,y,z
/
0/45
Electrostatic Discharge Test
AEC(Q101-001)
Human body model 1000 V
(Forward and reverse current conduct
electricity each 1time)
/
0/45
Water proof test*: The test is conducted on component level. It is strongly recommended the customers test the
products for their application
Failure Criteria
Item
Symbol
Test
Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
V
F
I
F = 20 mA
–
Initial Data x 1.1
Reverse Current
I
R
V
R = 5 V
-
100 μA
Luminous Flux/Intensity
Ф
V
I
F = 20 mA
Initial Data x 0.7
-
Resistance to Soldering
Heat
-
I
F = 20 mA
No dead lamps and visual damage
Vibration-variable
Frequency
-
I
F = 20 mA
No dead lamps and visual damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com