Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV6A-FKB Datasheet(PDF) 11 Page - Marktech Corporate

Part # CLV6A-FKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV6A-FKB Datasheet(HTML) 11 Page - Marktech Corporate

Back Button CLV6A-FKB Datasheet HTML 3Page - Marktech Corporate CLV6A-FKB Datasheet HTML 4Page - Marktech Corporate CLV6A-FKB Datasheet HTML 5Page - Marktech Corporate CLV6A-FKB Datasheet HTML 6Page - Marktech Corporate CLV6A-FKB Datasheet HTML 7Page - Marktech Corporate CLV6A-FKB Datasheet HTML 8Page - Marktech Corporate CLV6A-FKB Datasheet HTML 9Page - Marktech Corporate CLV6A-FKB Datasheet HTML 10Page - Marktech Corporate CLV6A-FKB Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Package
• The boxes are not water resistant and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 900 pcs per reel.







防潮珠。不可食



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com