Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV6A-FKB Datasheet(PDF) 10 Page - Marktech Corporate

Part # CLV6A-FKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV6A-FKB Datasheet(HTML) 10 Page - Marktech Corporate

Back Button CLV6A-FKB Datasheet HTML 3Page - Marktech Corporate CLV6A-FKB Datasheet HTML 4Page - Marktech Corporate CLV6A-FKB Datasheet HTML 5Page - Marktech Corporate CLV6A-FKB Datasheet HTML 6Page - Marktech Corporate CLV6A-FKB Datasheet HTML 7Page - Marktech Corporate CLV6A-FKB Datasheet HTML 8Page - Marktech Corporate CLV6A-FKB Datasheet HTML 9Page - Marktech Corporate CLV6A-FKB Datasheet HTML 10Page - Marktech Corporate CLV6A-FKB Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Reflow Soldering
•
TheCLV6A-FKBisratedasaMSL3product.
•
Therecommendedfloorlifeoutofbagis24hrs.
•
Thebestpracticessuggestionistousetheproductassoonaspossiblewhenremovedfromthebag.
•
Thetemperature(TopsurfaceofSMDLED)profileisasbelow:
Use only with CLV6A-FKB
Solderingpad:
Solder = Low Lead-Free
Average ramp-up rate = 4ºC/s max
Preheat temperature = 150ºC ~200ºC
Preheat time = 120s max
Ramp-down rate = 6ºC/s max
Peak temperature = 235ºC max
Time within 5ºC of actual Peak Temperature = 10s max
Duration above 217ºC is 45s max
Document No.: COTCO-05-0057
Rev. NO.:
13
6/9
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Use all SMD besides LP6-NPP1-01-N1
Solder = Sn63-Pb37
Solder = Lead-free
Average ramp-up rate =4ºC/s max.
Average ramp-up rate =4ºC/s max
Preheattemperature = 100ºC ~150ºC
Preheattemperature = 150ºC ~200ºC
Preheattime = 100s max.
Preheattime = 100s max.
Ramp-down rate =6ºC/s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 230ºC max.
Peaktemperature = 250ºC max.
Time within5ºC of actual Peak Temperature = 10s max.
Time within5ºC of actual Peak Temperature = 10s max.
Duration above 183ºC is 80s max.
Duration above 217ºC is 80s max.
Only use LP6-NPP1-01-N1
[13]
Solder = Low Lead-free
Average ramp-up rate =3ºC/s max.
Preheattemperature = 130ºC ~170ºC
Preheattime = 120s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 213ºC max.
Time within3ºC of actual Peak Temperature = 25s max.
Duration above 200ºC is 40s max.
Recommended solder pad designfor heat dissipation (2-pin SMD LED):
7.0
2.6
Recommended solder pad designfor heat dissipation (4-pin SMD LED)
8.2
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com