Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N50G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N50G-TN3-R
Description  3A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N50G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N50G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N50G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N50G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N50G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N50G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N50G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-530.b
3A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 3N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* RDS(ON)=3.2Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
1
TO-220F
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N50L-TF3-T
3N50G-TF3-T
TO-220F
G
D
S
Tube
3N50L-TN3-R
3N50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 3N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N50G-TN3-R UTC-3N50G-TN3-R Datasheet
173Kb / 6P
3 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 3N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50 Datasheet
174Kb / 6P
3A, 500V N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50 Datasheet
146Kb / 6P
500V, 3A N-Channel MOSFET
logo
Unisonic Technologies
3N50Z UTC-3N50Z Datasheet
178Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50_11 Datasheet
331Kb / 6P
500V, 3A N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50_10 Datasheet
164Kb / 6P
500V, 3A N-Channel MOSFET
AOD3C50 AOSMD-AOD3C50 Datasheet
316Kb / 6P
500V,3A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com