Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N90G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N90G-TN3-R
Description  4 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N90G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N90G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N90
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-479.b
4 Amps, 900 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 4N90 is a N-channel enhancement MOSFET adopting
UTC’s advanced technology to provide customers with DMOS,
planar stripe technology. This technology is designed to meet the
requirements of the minimum on-state resistance and perfect
switching performance. It also can withstand high energy pulse in
the avalanche and communication mode.
The UTC 4N90 is particularly applied in high efficiency switch
mode power supplies.
FEATURES
* VDS=900V
* ID=4A
* RDS(ON)=4.2Ω @ VGS=10V
* Typically 17nC low gate charge
* High switching speed
* Typically 5.6pF low CRSS
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N90L-TA3-T
4N90G-TA3-T
TO-220
G
D
S
Tube
4N90L-TF3-T
4N90G-TF3-T
TO-220F
G
D
S
Tube
4N90L-TN3-R
4N90G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 4N90G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N90G-TN3-R UTC-4N90G-TN3-R Datasheet
231Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N90G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N90 UTC-1N90 Datasheet
164Kb / 6P
1 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
4 Amps, 900 Volts N-CHANNEL MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
8 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
11 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com