Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY51-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY51-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY51-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KPY 51-R
KPY 56-R
Semiconductor Group
2
1) Frontside coupling applies pressure onto chip face.
Rearside coupling applies pressure through Kovar centre tube.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
1)
Unit
Frontside
Rearside
Pressure overload
KPY 51 R
KPY 52 R
KPY 53 R
KPY 54 R
KPY 55 R
KPY 56 R
P
MAX
2
6
10
16
30
75
2
6
10
16
30
40
bar
Operating temperature range
T
A
− 40 …+ 125
˚C
Storage temperature range
T
stg
− 50 …+ 130
˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
−
8k
Ω
Sensitivity
KPY 51 R
KPY 52 R
KPY 53 R
KPY 54 R
KPY 55 R
KPY 56 R
s
16.8
11.0
5.6
4.0
1.8
0.88
24.0
15.0
8.8
6.0
2.6
1.2
32.0
24.0
12.5
9.0
4.0
2.0
mV/
Vbar
Output voltage
KPY 51 R
KPY 52 R
KPY 53 R
KPY 54 R
KPY 55 R
KPY 56 R
V
fin
21
33
45
80
90
110
30
45
70
120
130
150
40
72
100
180
200
250
mV
Offset voltage
P = P
0
V
0
− 25
−+ 25
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com