Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY51-R Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # KPY51-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-R Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  KPY51-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KPY 51-R
KPY 56-R
Semiconductor Group
3
Linearity error (Best fit straight line)
P
0 = P0 … PN
F
L
%
V
fin
KPY 51
… 55 R
KPY 56 R
−
−
± 0.15
± 0.15
± 0.35
−
Pressure hysteresis
P
1 = P0, P2 = PN, P3 = P0
KPY 51
… 56 R
P
H
−± 0.1
−
%
V
fin
Electrical Characteristics
at
T
1 = 25 ˚C, T2 = 80 ˚C, T3 = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature coefficient of
V
fin
TC
Vfin
%/K
KPY 51 R
KPY 52 R
KPY 53 R
KPY 54 R
KPY 55 R
KPY 56 R
− 0.20
− 0.20
− 0.20
− 0.20
− 0.20
− 0.20
−
−
−
−
−
−
− 0.09
− 0.12
− 0.13
− 0.14
− 0.15
− 0.15
Temperature coefficient of
V
0
TC
V0
%/K
KPY 51 R
KPY 52 R
KPY 53 R
KPY 54 R
KPY 55 R
KPY 56 R
− 0.03
− 0.03
− 0.03
− 0.03
− 0.03
− 0.03
−
−
−
−
−
−
+ 0.08
+ 0.08
+ 0.05
+ 0.05
+ 0.05
+ 0.05
Temperature coefficient of
R
B
TC
RB
%/K
KPY 51
… 56 R
−+ 0.095 −
Temperature hysteresis of
V
0; Vfin
TH
% v.
V
fin
KPY 51
… 56 R
−± 0.2
−
Electrical Characteristics (cont’d)
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com