Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY51-R Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # KPY51-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-R Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  KPY51-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KPY 51-R
KPY 56-R
Semiconductor Group
4
Package Outline
Stainless Steel Package
Weight 15.5 g
Dimension in mm
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com