Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726G-S18-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L6726G-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726G-S18-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L6726G-S18-R Datasheet HTML 1Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 2Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 3Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 4Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R108-015, C
FUNCTIONAL DIAGRAM(Cont.)
C8
220nF
10
12
13
DC
7
9
8
C7
47μF
R5
22k
511
3
2
C3
100nF
R6
75 Ω
R9
11k
R8
R7
910 Ω
C4
47nF
R11
C5
R13
11k
R15
10 Ω
15 14 6
14 4
R1
R2
47μF
910 Ω R3
C2
15nF
R14
310Ω
R10
*
*
1
7
1
8
AR
AT
AM
1
UTC 6726
+Line
-Line
DTMF
input
MIC
350Ω
DC supply OUT
CMOS device
Sense input
Control output
AD
R4
18k
560Ω
3kΩ
MUTE
100nF
Note : * Not used in test setup
Fig. 3 Circuit with external components for test setup.
82k
REC
350 Ω
C1
+
+
R16
27k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com