Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726G-S18-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # L6726G-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726G-S18-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button L6726G-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 9Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 10Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 11Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 12Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R108-015, C
APPLICATION INFORMATION(Cont.)
Fig. 9 Typical sidetone network
Fig. 10 Sidetone network especially
suited for applicatons with a high line
current,when R6 has a low value
+Line
R10
R12
C6
15
2
R11
RA
RB
R6
Rc
Low impedance
network.
+Line
Zbal
C6
15
C
R6
2
* To get flat response
for receiving
R12
Fig.11 Magnetic reciever connection
R14
17
18
200Ω
200Ω
1μF
1μF
12
13
14
4
Fig. 12 Electret microphone with FET buffer
AM
12
13
50k
50k
MIC
Fig. 13 Additional components for
extended low current/voltage oeration
13
12
Fig. 14 Connection of a magnetic microphone
11
-Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com