Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726G-S18-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # L6726G-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726G-S18-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button L6726G-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 9Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 10Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 11Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 12Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R108-015, C
APPLICATION INFORMATION(Cont.)
DESIGN PROCEDURE:
1. Circuit impedance to the line.
2. DC-characteristic
3. Gain regulation.
4. Transmitter gain and frequency response.
5. Receiver gain and frequency response.
6. Side-tone.
7. Components to suppress radio interference, specially the wires up to the handset.
Others:
The circuit can be placed either in the telephone or in the handset.
Cut off the transmitter can be done at F1 without interference of other functions of the circuit.
When using the extended low current and low voltage range (5mA, 2V), two resistors have to be connected from the
microphone inputs to ground as shown in fig. 13.
11
3
RA
CA
11
3
RA
CA
RB
CB
Fig. 7 Examples of network "2"
RA
2
15
R10
R11
+Line
RB
R6
Fig. 8 Examples of network "4"
RA
11
3
11
3
CA
RA
CA
CA
RB
RB
CB
RB
RA
CA
11
3
11
3
RB
CB
RA
CA
RA
RB
11
3
11
3
CA
CA
RA
CB
RB
CB
2
15
RA
RB
R11
CB
RC
R6
CA
+Line
R10
2
RA
R11
15
R10 +Line
RB
RC
R6
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com