Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM4880G-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LM4880G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R502-033,C
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1
OUT A
O
Channel A output
2
IN A
I
Channel A audio input
3
BYPASS
I
Connect to internal voltage divider for middle supply bias
4
GND
Ground
5
SHUTDOWN
I
Shutdown mode control input, high active, place LM4880 into shutdown mode,
when held high
6
IN B
I
Channel B audio input
7
OUT B
O
Channel B output
8
VDD
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com