Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM4880G-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM4880G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R502-033,C
ABSOLUTE MAXIMUM RATINGS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
ESD Susceptibility (Note 3)
ESD
3500
V
ESD Susceptibility (Note 4)
250
V
Power Dissipation (Note 5)
PD
Internally limited
Junction Temperature
TJ
150
℃
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating ratings indicate
conditions for which the device is functional, but do not guarantee specific performance limits. Electrical
Characteristics state DC and AC electrical specifications under particular test conditions which guarantee
specific performance limits. This assumes that the device is within the operating ratings. Specifications are
not guaranteed for parameters where no limit is given, however, the typical value is a good indication of
device performance.
3. Human body model, 100 pF discharged through a 1.5 kΩ resistor.
4. Machine model, 220 pF ~ 240 pF discharged through all pins.
5. The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA,
and the ambient temperature TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) /θJA or
the number given in the Absolute Maximum Ratings, whichever is lower. For the UTC LM4880, TJMAX =
15℃, and the typical junction-to-ambient thermal resistance is 170℃/W for SOP-8 package and 107℃/W
for DIP-8 package.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-8
θJA
107
℃
/W
HSOP-8
42.3
Junction to Case
DIP-8
θJC
37
℃
/W
HSOP-8
12
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
2.7 ~ 5.5
V
Temperature Range (TMIN≤TA≤TMAX)
TA
-40 ~ +85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com