Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM4880G-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM4880G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM4880
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2012 Unisonic Technologies Co., Ltd.
QW-R502-033,C
DUAL 250mW AUDIO POWER
AMPLIFIER WITH SHUTDOWN
MODE
DESCRIPTION
The UTC LM4880 is a dual audio power amplifier capable of
delivering typically 250mW per channel of continuous average power
to an 8Ω load with 0.1% THD+N using a 5V power supply.
The UTC LM4880 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable UTC LM4880 can be configured by external
gain-setting resistors.
FEATURES
* No bootstrap capacitors or snubber circuits are necessary
* Unity-gain stable
* External gain configuration capability
APPLICATIONS
* Personal Computers
* CD-ROM Players
* Headphone Amplifier
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LM4880L-D08-T
LM4880G-D08-T
DIP-8
Tube
LM4880L-SH2-R
LM4880G-SH2-R
HSOP-8
Tape Reel
LM4880L-SH2-T
LM4880G-SH2-T
HSOP-8
Tube


Similar Part No. - LM4880G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880G-SH2-R UTC-LM4880G-SH2-R Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4880G-SH2-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
250mW Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
250mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com