Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LP5951
Description  HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP5951 Datasheet(HTML) 2 Page - Unisonic Technologies

  LP5951 Datasheet HTML 1Page - Unisonic Technologies LP5951 Datasheet HTML 2Page - Unisonic Technologies LP5951 Datasheet HTML 3Page - Unisonic Technologies LP5951 Datasheet HTML 4Page - Unisonic Technologies LP5951 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP5951
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-047.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
HSOP-8
AD :ADJ
UTC
Date Code
LP5951
G: Halogen Free
L: Lead Free
Voltage Code
Lot Code
XX
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT
output pin
2, 3, 6
NC
No Connection
4
ADJ
ADJ: output feedback pin
5
EN
ON/OFF pin, low=output ON; high=output OFF
7
GND
Ground
8
VIN
Input pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com