Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LP5951
Description  HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP5951 Datasheet(HTML) 1 Page - Unisonic Technologies

  LP5951 Datasheet HTML 1Page - Unisonic Technologies LP5951 Datasheet HTML 2Page - Unisonic Technologies LP5951 Datasheet HTML 3Page - Unisonic Technologies LP5951 Datasheet HTML 4Page - Unisonic Technologies LP5951 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LP5951
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R102-047.a
HIGH INPUT VOLTAGE, LOW
QUIESCENT CURRENT,
150mA LDO REGULATOR
DESCRIPTION
The UTC LP5951 is a low ground current linear regulator which
operates with input voltage from 6.5V ~ 25V and delivers output
current up to 150mA. Typical dropout voltage is only 450mV at
150mA loading.
The UTC LP5951 has many protection functions including over
temperature and current limit which prevent the device from
thermal over-load and current over-load.
FEATURES
* Wide Operating Voltage : 6.5V~25V
* Ultra Low Ground Current :120μA
* High Output Accuracy : ±2% over temperature
* Excellent Load/Line Transient
* Low Dropout Voltage : 450mv @ 150mA
* Built-in Current Limit Protection
* Built-in Over Temperature Protection
* Zero Shutdown Current
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LP5951L-xx-SH2-R
LP5951G-xx-SH2-R
HSOP-8
Tape Reel
LP5951L-xx-SH2-T
LP5951G-xx-SH2-T
HSOP-8
Tube
Note: xx: Output Voltage, refer to Marking Information.
LP5951L-xx-SH2-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel, T: Tube
(2) SH2: HSOP-8
(3) xx: Refer to Marking Information
(4) G: Halogen Free, L: Lead Free
(4)Lead Free


Similar Part No. - LP5951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951 TI2-LP5951 Datasheet
902Kb / 29P
LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
REVISED DECEMBER 2014
logo
National Semiconductor ...
LP5951MF-1.3 NSC-LP5951MF-1.3 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951MF-1.3 TI1-LP5951MF-1.3 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP5951

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
Anpec Electronics Corop...
APL5156 ANPEC-APL5156 Datasheet
309Kb / 18P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com