Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LP5951
Description  HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP5951 Datasheet(HTML) 4 Page - Unisonic Technologies

  LP5951 Datasheet HTML 1Page - Unisonic Technologies LP5951 Datasheet HTML 2Page - Unisonic Technologies LP5951 Datasheet HTML 3Page - Unisonic Technologies LP5951 Datasheet HTML 4Page - Unisonic Technologies LP5951 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP5951
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-047.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~+27
V
Feedback Voltage
VFB
-1.5~+27
V
Shutdown Voltage
VSHDN
-0.3~+27
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
20
°C/W
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over VIN=VOUT+2.5V, CIN=1µF, COUT=2.2mF,TA=-40°C ~ 85°C.
Typical values refer to TA=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
6.5
25
V
Output Voltage Accuracy
VOUT
-2
2
%
Output Voltage Range
3
20
V
IOUT=0.1mA
75
120
140
μA
Quiescent Current
IQ
IOUT=150mA
8
12
22
mA
Load Current Range
IOUT
0
150
mA
Reference Voltage
VREF
-2%
1.235
+2%
V
Line Regulation
ΔVOUT
VOUT+2.5V<VIN<25V, IOUT=1mA
0.1
0.2
%
Load Regulation
ΔVOUT
0.1mA<IOUT<150mA
0.2
0.5
%
IOUT=0.1mA
50
80
150
Dropout Voltage
VD
IOUT=150mA
380
450
600
mV
PROTECTION
Over Temperature Shutdown
OTS
150
°C
Circuit Current Limit
ILIMIT
VIN=VOUT +2.5V
250
350
500
mA
Short Current
ISHORT
VOUT=0V
50
mA
SHUTDOWN
Input High Voltage
2
Input Low Voltage
VEN
0.7
V
EN pin Input Bias Current
IEN
VEN=25V
450
600
μA
Shutdown Supply Current
IQSHDN
EN=High, VIN=19V
0.1
1
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com