Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N80L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N80L-TQ2-R
Description  7A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N80L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  7N80L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-523.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Continuous
ID
7
A
Drain Current
Pulsed (Note 1)
IDM
26.4
A
Single Pulsed (Note 2)
EAS
580
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
16.7
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220 /TO-263
142
W
Power Dissipation
TO-220F/ TO-220F1
PD
48
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=25mH, IAS=6.6A, VDD= 50V, RG=25Ω, Starting TJ=25°C
3. ISD ≤8A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220/TO-263
0.88
°C/W
Junction to Case
TO-220F / TO-220F1
θJC
2.6
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com