Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N80L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7N80L-TQ2-R
Description  7A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N80L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  7N80L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-523.c
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
800
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=250μA,Referenced to 25°C
0.93
V/°C
VDS=800V, VGS=0V
10
µA
Drain-Source Leakage Current
IDSS
VDS=640V, TC=125°C
100
µA
Forward
VDS=0V ,VGS=30V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.3A
1.4
1.8
Ω
Forward Transconductance
gFS
VDS=50V, ID=3.3A (Note 1)
5.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1290 1680
pF
Output Capacitance
COSS
120
155
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
10
13
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
27
35
nC
Gate-Source Charge
QGS
8.2
nC
Gate-Drain Charge
QGD
VDS=640V, VGS=10V, ID=6.6A
(Note 1,2)
11
nC
Turn-ON Delay Time
tD(ON)
35
80
ns
Turn-ON Rise Time
tR
100
210
ns
Turn-OFF Delay Time
tD(OFF)
50
110
ns
Turn-OFF Fall Time
tF
VDD=400V, ID=6.6A, RG=25Ω
(Note 1,2)
60
130
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6.6
A
Maximum Body-Diode Pulsed Current
ISM
26.4
A
Drain-Source Diode Forward Voltage
VSD
IS =6.6A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
650
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=6.6A,
dIF/dt=100A/μs (Note 1)
7.0
μC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com