Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N80L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N80L-TQ2-R
Description  7A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N80L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N80L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N80L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-523.c
7A, 800V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N80 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology specializes in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 7N80 is universally applied in high efficiency switch mode
power supply.
FEATURES
* RDS(on)=1.8Ω@VGS =10V
* High switching speed
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F1
TO-263
1
TO-220F
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
7N80L-TA3-T
7N80G-TA3-T
TO-220
G
D
S
Tube
7N80L-TF3-T
7N80G-TF3-T
TO-220F
G
D
S
Tube
7N80L-TF1-T
7N80G-TF1-T
TO-220F1
G
D
S
Tube
7N80L-TQ2-R
7N80G-TQ2-R
TO-263
G
D
S
Tape Reel
7N80L-TQ2-T
7N80G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 7N80L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N80L-TQ2-R UTC-7N80L-TQ2-R Datasheet
177Kb / 6P
7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80L-TQ2-R UTC-7N80L-TQ2-R Datasheet
257Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N80L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Unisonic Technologies
7N80Z UTC-7N80Z Datasheet
248Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
logo
Rohm
R8007AND3FRA ROHM-R8007AND3FRA Datasheet
2Mb / 14P
Nch 800V 7A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com