Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2125 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
Typical Performance Characteristics
Figure 4. Output Voltage vs. Output Current
0
50
100
150
200
250
300
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
AP2125-1.8
V
IN=2.8V
T
C=25
oC
Output Current (mA)
0
50
100
150
200
250
300
3.30
3.32
3.34
3.36
3.38
3.40
3.42
3.44
3.46
3.48
3.50
AP2125-3.3
V
IN=4.3V
T
C=25
oC
Output Current (mA)
Figure 5. Output Voltage vs. Output Current
Figure 6. Dropout Voltage vs. Output Current
0
30
60
90
120
150
180
210
240
270
300
0
40
80
120
160
200
240
280
320
360
400
AP2125-1.8
V
IN=2.8V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Output Current (mA)
0
30
60
90
120
150
180
210
240
270
300
0
40
80
120
160
200
240
280
320
360
400
T
C=-40
oC
T
C=25
oC
T
C=85
oC
AP2125-3.3
V
IN=4.3V
Output Current (mA)
Figure 7. Dropout Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com