Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet(PDF) 21 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125 Datasheet(HTML) 21 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2125 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 23Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 24Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 25Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
Typical Performance Characteristics (Continued)
Figure 36. Power Dissipation vs. Ambient Temperature
Figure 37. Power Dissipation vs. Ambient Temperature
30
40
50
60
70
80
90
100
110
120
0
50
100
150
200
250
300
350
400
450
500
550
600
Ambient Temperature (
oC)
AP2125-1.8
Package: SC-70-5
No Heatsink
30
40
50
60
70
80
90
100
110
120
0
100
200
300
400
500
600
700
800
Ambient Temperature (
oC)
AP2125-3.3
Package: SC-70-5
No Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com