Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 10N60G-TQ2-R
Description  10A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  10N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-119.J
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
± 30
V
Avalanche Current (Note 2)
IAR
10
A
Drain Current
Continuous
ID
10
A
Pulsed (Note 2)
IDM
38
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
700
mJ
Repetitive (Note 2)
EAR
15.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220/ TO-263
PD
156
W
TO-220F/TO-220F1
50
TO-220F2
52
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 14.2mH, IAS = 10A, VDD = 50V, RG = 25 Ω Starting TJ = 25°C
4. ISD ≤ 9.5A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220
θJC
0.8
°C/W
TO-220F/TO-220F1
2.5
TO-220F2
2.4
TO-263
0.7
ELECTRICAL CHARACTERISTICS( TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS = 30 V, VDS = 0 V
100
nA
Reverse
VGS = -30 V, VDS = 0 V
-100 nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=250µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 4.75A
0.72 0.8
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1.0 MHz
1570 2040 pF
Output Capacitance
COSS
166 215
pF
Reverse Transfer Capacitance
CRSS
18
24
pF
Gate Resistance
RG
VDS =0V, VGS =0V, f =1MHz
0.25
1.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com