Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60G-TQ2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 10N60G-TQ2-R
Description  10A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60G-TQ2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  10N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-119.J
TYPICAL CHARACTERISTICS(Cont.)
PDW
t1
t2
Single pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
NOTES:
1.ZθJC(t)=2.5D/W Max
2.Duty Factor,D=t1/t2
3.TJW-TC=PDW-ZθJC(t)
Square Wave Pulse Duration, t1 (sec)
10-5
10-4
10-3
10-2
10-1
100
101
10-2
10-1
100
Transient Thermal Response Curve



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com