Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N60G-TQ2-R
Description  10A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  10N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N60
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-119.J
10A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N60 is a high voltage and high current power MOSFET,
designed to have better characteristics, such as fast switching time, low
gate charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 0.8Ω@VGS =10V
* Low gate charge ( typical 44nC)
* Low CRSS ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-220F
TO-263
1
1
1
TO-220F1
TO-220F2
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N60L-TA3-T
10N60G-TA3-T
TO-220
G
D
S
Tube
10N60L-TF1-T
10N60G-TF1-T
TO-220F1
G
D
S
Tube
10N60L-TF2-T
10N60G-TF2-T
TO-220F2
G
D
S
Tube
10N60L-TF3-T
10N60G-TF3-T
TO-220F
G
D
S
Tube
10N60L-TQ2-R
10N60G-TQ2-R
TO-263
G
D
S
Tape Reel
10N60L-TQ2-T
10N60G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 10N60G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N60G-TQ2-R UTC-10N60G-TQ2-R Datasheet
425Kb / 9P
N-CHANNEL POWER MOSFET
More results

Similar Description - 10N60G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
600V, 10A N-Channel MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
10A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N60 HSMC-H10N60 Datasheet
211Kb / 5P
N-Channel Power MOSFET (600V,10A)
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
600V,10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
600V,10A N-Channel MOSFET
logo
Unisonic Technologies
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
10A, 600V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
10A 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
600V,10A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com