Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2125G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR2125G-XX-AF5-R
Description  300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR2125G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R102-038.F
ABSOLUTE MAXIMUM RATING (TA = 25°С, Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Supply Voltage (VIN to GND)
VIN
-0.3 ~ +6.5
V
SHDN
Input Voltage ( SHDN to GND)
SHDN
V
-0.3 ~ +6.5
V
Power Dissipation
PD
380
mW
Junction Temperature
TJ
-40~ +125
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Supply Voltage
VIN
2.8 ~ 6
V
Output Voltage
VOUT
0.8 ~ 5.5
V
VOUT Output Current
IOUT
0 ~ 300
mA
Input Capacitor
CIN
0.22 ~ 100
μF
Output Capacitor
COUT
1.5 ~ 33
μF
Junction Temperature
TOPR
-40 ~ +85
°С
ELECTRICAL CHARACTERISTICS
(VIN = VOUT+1V (min VIN=2.8V), IOUT=0~300mA, CIN = 1μF, COUT = 2.2μF, TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
0.8
5.5
V
Input Voltage
VIN
2.8
6
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VOUT%/△VIN, IOUT=10mA
-0.06
+0.06
%/V
Load Regulation
OUT
OUT
OUT
V
×
I
Δ
ΔV
VOUT%/△IOUT
-0.2
+0.2
%/A
Output Voltage Accuracy
Fixed output voltage, IOUT=10mA
-2
+2
%
Reference Voltage
VREF
Measured on SET, VIN=2.8V,
IOUT=10mA
0.784
0.8
0.816
V
Quiescent Current
IQ
IOUT =10mA ~300mA
135
160
μA
Dropout Voltage
VD
VOUT = 2.5V, IOUT = 300mA
230
360
mV
VOUT = 3.3V, IOUT = 300mA
170
300
mV
Power Supply Ripple Rejection Ratio
PSRR
f = 10kHz, IOUT = 300mA
45
dB
Output Voltage Noise
eN
f = 80Hz ~ 100KHz, IOUT = 300mA
160
μVRMS
Current Limit
ILIMIT
400
500
650
mA
Shutdown Threshold
VIH
1.6
V
VIL
0.4
V
Shutdown Supply Current
IOFF
SHDN = Low, VIN = 6V
0.1
1
μA
VOUT Discharge MOSFET RDS(ON)
SHDN = Low
60
Thermal Shutdown Temperature
TSHDN
160
°С
Thermal Shutdown Hysteresis
DTSHDN
40
°С
SET Input Threshold for
Fixed/Adjustable Output Voltage Mode
100
mV
SET Input Bias Current
-100
100
nA
Soft-Start Interval
TSS
60
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com