Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2125G-XX-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR2125G-XX-AF5-R
Description  300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125G-XX-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR2125G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LR2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R102-038.F
APPLICATION INFORMATION
Input Capacitor
Value:
Larger than 1µF, at least a 1µF ceramic capacitor
Place:
Be placed near the VIN very closely
Purpose and Advantage Description:
To prevent the input rail from dropping, this capacitor can provide surge current as while as the circuit’s stepping
load transients.
Output Capacitor
Value:
Larger than 2.2µF
Place:
Be placed at the load and near the GND pin very closely.
Purpose and Advantage Description:
Mainly make sure the circuit’s operating stability. And the large value capacitor also can reduce noise and improve
transient response. Additionally, it can affect power on issue.
)
OUT
V
0.1155
-
(0.55
87
=
OUT(max)
C
×
Maximum Output Capacitor’s Value (µF) and the Output Voltage (V)’s Value’s Relationship
Maximum Output Capacitor’s Changing Over VOUT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com