Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2125G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR2125G-XX-AF5-R
Description  300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR2125G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR2125G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR2125
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R102-038.F
300mA SELECTABLE
FIXED/ADJUSTABLE LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
As a low dropout linear regulator, the UTC LR2125 only needs
low input voltage (2.8~6V) and can deliver current to 300mA for
setting the output voltage.
The UTC LR2125 is an ideal for being used in such
battery-powered equipments notebook, personal computer and
cellular phone. Its typical dropout voltage is 230mV at loading current
300mA.
For setting the output voltage, the UTC LR2125 has two output
voltage operation modes: fixed mode senses the output voltage on
VOUT, ADJ mode needs two resistors as a voltage divider.
To protect itself against current over-loads and over temperature,
the LR2125 has current limit and thermal shutdown functions.
FEATURES
* Operating Voltage: 2.8~6V
* Low Voltage Dropout
* Output Current Guaranteed 300mA
* For Setting Output Voltage Two Modes
Fixed mode :Fixed Output Voltage 1~5V
ADJ mode: Adjustable Output Voltage 0.8~5.5V
* Internal Current Limit Protection
* With Soft-Start
* Internal thermal Protection
* Work stably with Low ESR Ceramics Capacitor
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR2125L-xx-AF5-R
LR2125G-xx-AF5-R
SOT-25
Tape Reel


Similar Part No. - LR2125G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2125G-12-AF5-R UTC-LR2125G-12-AF5-R Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
LR2125G-18-AF5-R UTC-LR2125G-18-AF5-R Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
LR2125G-25-AF5-R UTC-LR2125G-25-AF5-R Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
LR2125G-33-AF5-R UTC-LR2125G-33-AF5-R Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
LR2125G-AD-AF5-R UTC-LR2125G-AD-AF5-R Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR2125G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
Adjustable Low Dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125_15 Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com