Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV2622G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LV2622G-S08-R
Description  250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2622G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LV2622G-S08-R Datasheet HTML 1Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 2Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 3Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 4Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 5Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 6Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 7Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV2622
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R102-045.a
ABSOLUTE MAXIMUM RATING (TA=+25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, V+~V-
VS
7.5
V
Common-Mode Input Voltage
VCM
(-Vs)-0.5~(+Vs)+0.5
V
Junction Temperature
TJ
160
°C
Operating Temperature
TOPR
-40~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient @ TA=25°C
θJA
160
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com