Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV2622G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LV2622G-S08-R
Description  250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2622G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LV2622G-S08-R Datasheet HTML 1Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 2Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 3Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 4Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 5Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 6Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 7Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LV2622
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R102-045.a
ELECTRICAL CHARACTERISTICS(TA=+25°C,VS=5V,VCM=VS/2,RL=600Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
0.7
3
Input Offset Voltage
VOS
(Note)
3.5
mV
Input Bias Current
IB
1
pA
Input Offset Current
IOS
1
pA
Common-Mode Voltage Range
VCM
VS=5.5V
-0.1~+5.6
V
VS=5.5V, VCM=-0.1V~4V
75
90
(Note)
73
dB
VS=5.5V, VCM=-0.1V~5.6V
66
92
Common-Mode Rejection Ratio
CMRR
(Note)
64
dB
RL=600Ω, Vo=0.15V~4.85V
92
100
(Note)
78
dB
RL=10KΩ, Vo=0.05V~4.95V
100
110
Open-Loop Voltage Gain
AOL
(Note)
82
dB
Input Offset Voltage Drift
ΔVOS/ΔT
2.7
μV/°C
OUTPUT CHARACTERISTICS
RL=600Ω
0.1
Output Voltage Swing from Rail
VO
RL=10KΩ
0.015
V
45
48
Output Current
IOUT
(Note)
30
mA
Closed-Loop Output Impedance
RO
F=100KHz, G=+1
2.6
Ω
POWER SUPPLY
2.5
5.5
Operating Voltage Range
VS
(Note)
2.5
5.5
V
79
94
Power Supply Rejection Ratio
PSRR
VS=+2.5V~+5.5V,
VCM=(-VS)+0.5V
(Note)
76
dB
250
400
Quiescent Current/ Amplifier
IQ
IOUT=0
(Note)
480
μA
DYNAMIC PERFORMANCE
Gain-Bandwidth Product
GBP
RL=10KΩ
3
MHz
Phase Margin
φO
67
degrees
Full Power Bandwidth
BWP
<1% distortion, RL=600Ω
50
KHz
Slew Rate
SR
G=+1, 2V Step, RL=10KΩ
1.7
V/μs
Settling Time To 0.1%
tS
G=+1, 2V Step, RL=600Ω
2.1
μs
Overload Recovery Time
tOR
VIN · Gain=Vs, RL=600Ω
1
μs
NOISE PERFORMANCE
Voltage Noise Density
eN
f=1kHz
12
nV/ Hz
Current Noise Density
IN
f=1kHz
3
fA/ Hz
Note: Denotes the specifications which apply over the operating temperature range (-40°C~125°C).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com