Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV2622G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LV2622G-S08-R
Description  250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2622G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LV2622G-S08-R Datasheet HTML 1Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 2Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 3Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 4Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 5Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 6Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 7Page - Unisonic Technologies LV2622G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LV2622
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R102-045.a
APPLICATION NOTES
Driving a Capacitive Load
The UTC LV2622 can directly drive 1000pF in unity-gain without oscillation. The unity-gain follower (buffer) is the
most sensitive configuration to capacitive loading.
When the amplifier is configured in this manner, capacitive
loading directly on the output will decrease the device’s phase margin leading to high frequency ringing
or oscillations. It is recommended that an isolation resistor (RISO) is placed in series with the output of the
amplifier when the greater capacitive load is required. The circuit is shown in Figure 1. The RISO and the load
capacitor CL form a zero to increase stability, but this method results in a loss of gain accuracy for RISO dividing the
voltage with RLOAD.
The circuit in Figure 2 provides DC accuracy and AC stability. To increase the DC accuracy, RF should be
connected between the inverting input and the output. To preserve the phase margin in the overall feedback loop, CF
is required and can compensate the loss of phase margin together with RIso by feeding the high frequency
component of the output signal back to the amplifier’s inverting input
.
UTC LV2622
-
+
Figure 2. Indirectly Driving Heavy Capacitive Load with DC Accuracy
VIN
CF
RISO
CL
RL
VOUT
RF
1/2
For no-buffer configuration, there are two others ways to increase the phase margin: (a) by increasing the
amplifier’s gain or (b) by placing a capacitor in parallel with the feedback resistor to counteract the parasitic
capacitance associated with inverting node.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com