Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR100L-4-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MCR100L-4-X-AE3-R
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100L-4-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MCR100L-4-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MCR100
SCR
www.unisonic.com.tw
3 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R301-016.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
MCR100-4
200
V
MCR100-6
400
V
Peak Repetitive Off-State Voltage(Note 1)
(TJ=-40 ~ 110°С, Sine Wave, 50 ~ 60Hz;
Gate Open)
MCR100-8
VDRM,VRRM
600
V
On-Sate RMS Current (Tc=80°С) 180°С Condition Angles
IT(RMS)
0.8
A
Peak Non-Repetitive Surge Current
(1/2 cycle, Sine Wave, 60Hz, TJ=25°С)
ITSM
10
A
Circuit Fusing Considerations (t=8.3 ms)
I
2t
0.415
A
2s
Forward Peak Gate Power (TA=25°С, Pulse Width ≤1.0µs)
PGM
0.1
W
Forward Average Gate Power (TA=25°С, t=8.3ms)
PG(AV)
0.1
W
Peak Gate Current – Forward (TA=25°С, Pulse Width≤1.0μs)
IGM
1
A
Peak Gate Voltage – Reverse (TA=25°С, Pulse Width≤1.0μs)
VGRM
5
V
Operating Junction Temperature Range
(Rated VRRM and VDRM)
TJ
-40 ~ +110
°С
Storage Temperature Range
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
TO-92
200
°С/W
Junction to Ambient
SOT-23/SOT-89
θJA
400
°С/W
ELECTRICAL CHARACTERISTICS (TJ=25°С, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
TC=25°С
10
μA
Peak Forward or Reverse Blocking
Current
TC=125°С
IDRM, IRRM
VD=Rated VDRM and VRRM;
RGK=1kΩ
100
μA
ON CHARACTERISTICS
Peak Forward On-State Voltage (Note 2)
VTM
ITM=1A Peak @ TA=25°С
1.7
V
Gate Trigger Current (Continuous DC)(Note3)
IGT
VAK=7Vdc, RL=100Ω, TC=25°С
40
200
μA
TC=25°С
0.5
5
mA
Holding Current (Note 4)
TC=-40°С
IH
VAK=7Vdc, initiating
current=20mA
10
mA
TC=25°С
0.6
10
mA
Latch Current
TC=-40°С
IL
VAK=7V, Ig=200μA
15
mA
TC=25°С
0.62
0.8
V
Gate Trigger Voltage (continuous
dc) (Note 3)
TC=-40°С
VGT
VAK=7Vdc, RL=100Ω
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off-State Voltage
dV/dt
VD=Rated VDRM, Exponential
Waveform, RGK=1000Ω,
TJ=110°С
20
35
V/
μs
Critical Rate of Rise of On-State Current
di/dt
IPK=20A; Pw=10μsec;
diG/dt=1A/
μsec, Igt=20mA
50
A/
μs
Notes: 1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate
voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the
anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of
the devices are exceeded.
2. Indicates Pulse Test Width
≤1.0ms, duty cycle ≤1%
3. RGK=1000Ω included in measurement.
4. Does not include RGK in measurement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com