Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR100L-4-X-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MCR100L-4-X-AE3-R
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100L-4-X-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MCR100L-4-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MCR100
SCR
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R301-016.C
SENSITIVE GATE SILICON
CONTROLLED RECTIFIERS
REVERSE BLOCKING
THYRISTORS
DESCRIPTION
PNPN devices designed for high volume, line-powered
consumer applications such as relay and lamp drivers, small motor
controls, gate drivers for larger thyristors, and sensing and
detection circuits.
FEATURES
* Sensitive gate allows triggering by micro controllers and other
logic circuits
* Blocking voltage to 600V
* On-state current rating of 0.8A RMS at 80
°C
* High surge current capability – 10A
* Minimum and maximum values of IGT, VGT and IH specified for
ease of design
* Immunity to dV/dt – 20V/
μsec minimum at 110°C
* Glass-passivated surface for reliability and uniformity
TO-92
1
SOT-23
1
2
3
SOT-89
1
Lead-free:
MCR100L
Halogen-free:MCR100G
ORDERING INFORMATION
Ordering Number
Pin assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
MCR100-4-x-AB3-R MCR100L-4-x-AB3-R MCR100G-4-x-AB3-R
SOT-89
G
A
K
Tape Reel
MCR100-4-x-AE3-R MCR100L-4-x-AE3-R MCR100G-4-x-AE3-R
SOT-23
G
K
A
Tape Reel
MCR100-4-x-T92-B
MCR100L-4-x-T92-B MCR100G-4-x-T92-B
TO-92
K
G
A
Tape Box
MCR100-4-x-T92-K
MCR100L-4-x-T92-K MCR100G-4-x-T92-K
TO-92
K
G
A
Bulk
MCR100-6-x-AB3-R MCR100L-6-x-AB3-R MCR100G-6-x-AB3-R
SOT-89
G
A
K
Tape Reel
MCR100-6-x-AE3-R MCR100L-6-x-AE3-R MCR100G-6-x-AE3-R
SOT-23
G
K
A
Tape Reel
MCR100-6-x-T92-B
MCR100L-6-x-T92-B MCR100G-6-x-T92-B
TO-92
K
G
A
Tape Box
MCR100-6-x-T92-K
MCR100L-6-x-T92-K MCR100G-6-x-T92-K
TO-92
K
G
A
Bulk
MCR100-8-x-AB3-R MCR100L-8-x-AB3-R MCR100G-8-x-AB3-R
SOT-89
G
A
K
Tape Reel
MCR100-8-x-AE3-R MCR100L-8-x-AE3-R MCR100G-8-x-AE3-R
SOT-23
G
K
A
Tape Reel
MCR100-8-x-T92-B
MCR100L-8-x-T92-B MCR100G-8-x-T92-B
TO-92
K
G
A
Tape Box
MCR100-8-x-T92-K
MCR100L-8-x-T92-K MCR100G-8-x-T92-K
TO-92
K
G
A
Bulk
Note: Pin assignment: G: Gate K: Cathode A: Anode
MCR100L-4-x-AB3-R
(1) Packing Type
(3) Rank
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AB3: SOT-89, AE3: SOT-23, T92: TO-92
(4) G: Halogen Free, L: Lead Free, Blank: Pb/Sn
(2) Package Type
(3) x: Refer to CLASSIFICATION OF IGT
(4) Lead Plating


Similar Part No. - MCR100L-4-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR100L ROHM-MCR100L Datasheet
1Mb / 8P
General Purpose Chip Resistors
2024.03 - Rev.003
MCR100LEQPDLR100 ROHM-MCR100LEQPDLR100 Datasheet
1Mb / 8P
General Purpose Chip Resistors
2024.03 - Rev.003
MCR100LEQPDSR100 ROHM-MCR100LEQPDSR100 Datasheet
1Mb / 8P
General Purpose Chip Resistors
2024.03 - Rev.003
MCR100LEQPFLR100 ROHM-MCR100LEQPFLR100 Datasheet
1Mb / 8P
General Purpose Chip Resistors
2024.03 - Rev.003
MCR100LEQPFSR100 ROHM-MCR100LEQPFSR100 Datasheet
1Mb / 8P
General Purpose Chip Resistors
2024.03 - Rev.003
More results

Similar Description - MCR100L-4-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com