Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR100L-4-X-AE3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MCR100L-4-X-AE3-R
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100L-4-X-AE3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MCR100L-4-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies MCR100L-4-X-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCR100
SCR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R301-016.C
TYPICAL CHARACTERISTICS
-40
35
80
-10
110
10
40
Typical Gate Trigger Current vs.
Junction Temperature
5
20
30
50
60
70
80
90
100
65
Junction Temperature, TJ (℃)
-25
20
50
95
-40
35
80
-10
110
0.2
0.5
Typical Gate Trigger Voltage vs.
Junction Temperature
5
0.3
0.4
0.6
0.7
0.8
0.9
1.0
65
Junction Temperature, TJ (℃)
-25
20
50
95
0
0.4
0.1
0.5
40
70
Typical RMS Curent Derating
50
60
80
90
100
110
120
RMS On-State Current, IT(RMS) (A)
0.2
0.3
180
°
120
°
90
°
60
°
30
°
0.5
2.0
2.9
1.1
3.5
0.1
10
Typical On-State Characteristics
1.4
1
2.3
Instantaneous On-State Voltage, VT (V)
0.8
1.7
2.6
3.2
MAXIMUM@TJ=110℃
MAXIMUM@T
J=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com