Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N06G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N06G-TN3-R
Description  12 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N06G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12N06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12N06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12N06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-561.a
12 Amps, 60 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UT12N06 is an N-channel mode Power MOSFET using
UTC’s advanced technology to provide customers with minimum
on-state resistance with extremely high dense cell design, rugged
avalanche characteristics and less critical alignment steps .
FEATURES
* VDS(V)= 60V
* ID =12A
* RDS(on) < 0.10Ω @VGS = 10 V
* RDS(on) < 0.12Ω @VGS = 5.0 V
* High switching speed
* Low gate charge
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
12N06L-TN3-R
12N06G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 12N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
12N06G-TN3-R VBSEMI-12N06G-TN3-R Datasheet
1,002Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 12N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTD3055 UTC-UTD3055 Datasheet
144Kb / 4P
POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com