Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N10G-TN3-R
Description  12A, 100V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-737.a
12A, 100V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT12N10 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with minimum
on-state resistance for extremely high dense cell design, rugged
avalanche characteristics and less critical alignment steps .
FEATURES
* RDS(on) < 0.10Ω @VGS = 10 V
* RDS(on) < 0.12Ω @VGS = 5.0 V
* High switching speed
* Low gate charge
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
12N10L-TN3-R
12N10G-TN3-R
TO-252
G
D
S
Tape Reel
12N10L-TN3-T
12N10G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - 12N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N10G-TN3-R UTC-12N10G-TN3-R Datasheet
239Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 12N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
FDPF680N10T FAIRCHILD-FDPF680N10T Datasheet
696Kb / 8P
N-Channel PowerTrench짰 MOSFET 100V, 12A, 68m廓
logo
Unisonic Technologies
UTT12P10 UTC-UTT12P10 Datasheet
242Kb / 6P
100V, 12A P-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDF1903 MGCHIP-MDF1903 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com