Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N50L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 14N50L-TQ2-R
Description  14A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N50L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  14N50L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
14N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-720.a
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
14
A
Pulsed Drain Current (Note 2)
IDM
48
A
Avalanche Current (Note 2)
IAR
14
A
Single Pulsed Avalanche Energy (Note 3)
EAS
400
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation (TC=25°C)
PD
150
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 9.3mH, IAS = 13A, VDD = 50V, RG= 25Ω ,Starting TJ = 25°C
4. ISD≤13.A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ= 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.83
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 1mA
500
V
Drain-Source Leakage Current
IDSS
VDS = 500V, VGS = 0V
10
μA
Gate-Source Leakage Current
IGSS
VGS = 20V, VDS = 0V
100
nA
VGS = -20V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient
BV
△
DSS/△TJ
ID=250mA,Referenced to 25°C
0.5
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 100μA
3
3.75 4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6A
0.34 0.38
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1.0MHz
2000
pF
Output Capacitance
COSS
238
pF
Reverse Transfer Capacitance
CRSS
55
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD =250V, ID =14A,
RG =25Ω (Note 1,2)
24
nS
Turn-On Rise Time
tR
16
nS
Turn-Off Delay Time
tD(OFF)
54
nS
Turn-Off Fall Time
tF
12
nS
Total Gate Charge
QG
VDS=400V, ID=12A,
VGS=10 V (Note 1,2)
69
92
nC
Gate-Source Charge
QGS
12
nC
Gate-Drain Charge
QGD
31
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com