Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N50L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 14N50L-TQ2-R
Description  14A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N50L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  14N50L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
14N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-720.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 13 A
1.6
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
12
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
48
A
Reverse Recovery Time
trr
VGS = 0V, IS = 13A,
dIF / dt =100A/μs (Note 1)
470
nS
Reverse Recovery Charge
QRR
3.1
μC
Note: 1. Pulse Test : Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating ambient temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com