Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N50L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 14N50L-TQ2-R
Description  14A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N50L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  14N50L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N50L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
14N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-720.a
14A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 14N50 is an N-Channel enhancement mode power
MOSFET. The device adopts planar stripe and uses DMOS
technology to minimize and provide lower on-state resistance and
faster switching speed. It can also withstand high energy pulse
under the avalanche and commutation mode conditions.
The UTC 14N50 is ideally suitable for high efficiency switch
mode power supply, power factor correction and electronic lamp
ballast based on half bridge topology.
FEATURES
* RDS(ON) =0.38Ω @VGS = 10V
* Ultra low gate charge (typical 43nC )
* Low reverse transfer Capacitance ( CRSS = typical 20pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
14N50L-TQ2-T
14N50G-TQ2-T
TO-263
G
D
S
Tube
14N50L-TQ2-R
14N50G-TQ2-R
TO-263
G
D
S
Tape Reel


Similar Part No. - 14N50L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N50 UTC-14N50_15 Datasheet
211Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 14N50L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
STMicroelectronics
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com