Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3011-N24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3011-N24-R
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3011-N24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3011-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA3011
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-247
TYPICAL APPLICATION CIRCUIT
AGND
SHUTDOWN
VDD
LOUT-
LOUT+
ROUT-
ROUT+
RLINEIN
RHPIN
RIN
BYPASS
SE/BTL
HP/LINE
LLINEIN
LHPIN
LIN
CC
VDD
1K
1K
CC
1µF
Cs
100K
100K
CI
CS
FADE
PVDD
PGND
Power Supply
Right Line Audio Source
Right HP Audio Source
CI
CI
CI
CI
Left Line Audio Source
Left HP Audio Source
CI
PGND
System
Control
SEMAX
SEDIFF
VOLUME
In From
DAC
or
Potendometer
(DC Voltage)
C(BYP)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com