Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3011-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3011-N24-R
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3011-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3011-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA301 1
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-247.A
3-W STEREO AUDIO POWER
AMPLIFIER WITH ADVANCED
DC VOLUME CONTROL
DESCRIPTION
As a stereo audio speaker which is operating on a single
5.5V supply, the UTC PA3011 is capable of delivering 3W of
output power per channel into 3Ω loads with less than 10%
THD+N.
The speaker volume level is adjusted by applying a dc
voltage to the VOLUME terminal. When a dc voltage is applied, to
avoid an unexpected high volume level through the headphones,
a third terminal, SEMAX, limits the headphone volume level. And
also a fade mode ramps the volume up and down to ensure a
smooth transition between active and shutdown modes,.
The UTC PA3011 can be applicatated in notebook, LCD
monitors and pocket PC.
FEATURES
* DC volume control with 2-dB steps :-40 dB ~ 20 dB
* Fade mode
* Maximum volume setting for SE mode
* 3 W into 3Ω load
* MUX stereo input
Lead-free:
PA3011L
Halogen-free: PA3011G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
PA3011-N24-R
PA3011L-N24-R
PA3011G-N24-R
HTSSOP-24
Tape Reel
PA3011-N24-T
PA3011L-N24-T
PA3011G-N24-T
HTSSOP-24
Tube


Similar Part No. - PA3011-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3011G-N24-R UTC-PA3011G-N24-R Datasheet
256Kb / 7P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
More results

Similar Description - PA3011-N24-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com