Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3011-N24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3011-N24-R
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3011-N24-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA3011-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3011-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA3011
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-247
VOLUME CONTROL TABLE
BTL Mode, VDD=5V(Note 1)
SE Mode VDD=5V(Note 1)
VOLUME (PIN21)
SE_VOLUME=VOLUME – SEDIFF
or SEMAX
FROM(V)
TO(V)
GAIN OF
AMPLIFIER
(TYP)
FROM(V)
TO(V)
GAIN OF
AMPLIFIER
(TYP)
0.00
0.26
-85(Note 2)
0.00
0.26
-85(Note 2)
0.33
0.37
-40
0.33
0.37
-46
0.44
0.48
-38
0.44
0.48
-44
0.58
0.59
-36
0.56
0.59
-42
0.67
0.70
-34
0.67
0.70
-40
0.78
0.82
-32
0.78
0.82
-38
0.89
0.93
-30
0.89
0.93
-36
1.01
1.04
-28
1.01
1.04
-34
1.12
1.06
-26
1.12
1.16
-32
1.23
1.27
-24
1.23
1.27
-30
1.35
1.38
-22
1.35
1.38
-28
1.48
1.49
-20
1.48
1.49
-26
1.57
1.60
-18
1.57
1.60
-24
1.68
1.72
-16
1.68
1.72
-22
1.79
1.83
-14
1.79
1.83
-20
1.91
1.94
-12
1.91
1.94
-18
2.02
2.06
-10
2.02
2.06
-16
2.13
2.17
-8
2.13
2.17
-14
2.25
2.28
-6(Note 2)
2.25
2.28
-12
2.38
2.39
-4
2.36
2.39
-10
2.47
2.50
-2
2.47
2.50
-8
2.58
2.61
0
2.58
2.61
-6(Note 2)
2.70
2.73
2
2.70
2.73
-4
2.81
2.83
4
2.81
2.83
-2
2.92
2.95
6
2.92
2.95
0(Note 2)
3.04
3.06
8
3.04
3.06
2
3.15
3.17
10
3.15
3.17
4
3.28
3.29
12
3.26
3.29
6(Note 2)
3.38
3.40
14
3.38
3.40
8
3.49
3.51
16
3.49
3.51
10
3.60
3.63
18
3.60
3.63
12
3.71
5.00
20(Note 2)
3.71
5.00
14
Note: 1. For other values of VDD, scale the voltage values in the table by a factor of VDD/5.
2. Tested in production. Remaining gain steps are specified by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com