Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22N20L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 22N20L-TN3-R
Description  22A, 200V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N20L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  22N20L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
22N20
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-611.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
200
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous (TC=25°C)
ID
22
A
Pulsed (Note 2)
IDM
88
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
250
mJ
Power Dissipation (TC=25°C)
TO-220
PD
192
W
TO-252
83
Derate above 25°C
TO-220
1.53
W/°C
TO-252
0.67
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L =0.85mH, IAS = 21A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-252
110
Junction to Case
TO-220
θJC
0.65
°C/W
TO-252
1.5
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
200
V
Breakdown Voltage Temperature Coefficient
BV
DSS/T
J Reference to 25°C, ID=250µA
0.25
V/°C
Drain-Source Leakage Current
IDSS
VDS=200V, VGS=0V
1
µA
VDS=160V, TC=125°C
10
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=11A
0.12 0.14
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1700 2200 pF
Output Capacitance
COSS
220
290
pF
Reverse Transfer Capacitance
CRSS
30
40
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=160V, ID=22A
(Note 1, 2)
27
35
nC
Gate to Source Charge
QGS
5.8
nC
Gate to Drain Charge
QGD
11.2
nC
Turn-ON Delay Time
tD(ON)
VDD=100V, ID=22A, RG=25Ω
(Note 1, 2)
35
80
ns
Rise Time
tR
300
610
ns
Turn-OFF Delay Time
tD(OFF)
130
270
ns
Fall-Time
tF
180
370
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com